spec no: dsal5942 rev no: v.1 date: feb/09/2011 page: 1 of 5 approved: wynec checked: allen liu drawn: y.f.lv e rp: 1203011533 3.2mmx1.6mm smd chip led lamp attention observe precautions for handling electrostatic discharge sensitive devices part number: APT3216WG1C green features z 3.2mmx1.6mm smt led, 0.75mm thickness. z low power consumption. z wide viewing angle. z ideal for backlight and indicator. z various colors and lens types available. z package : 2000pcs / reel. z moisture sensitivity level : level 3. z rohs compliant. description the green source color devices are made with ingan light emitting diode. static electricity and surge damage the leds. it is recommended to use a wrist band or anti-electrostatic glove when handling the leds. all devices, equipment and machinery must be electrically grounded. package dimensions notes: 1. all dimensions are in millimeters (inches). 2. tolerance is 0.2(0.008") unless otherwise noted. 3. the specifications, characteristics and technical data descri bed in the datasheet are subject to change without prior notice . 4. the device has a single mounting surface. the devi ce must be mounted according to the specifications.
spec no: dsal5942 rev no: v.1 date: feb/09/2011 page: 2 of 5 approved: wynec checked: allen liu drawn: y.f.lv e rp: 1203011533 selection guide notes: 1. 1/2 is the angle from optical centerline where the lumi nous intensity is 1/2 of the optical peak value. 2. luminous intensity/ luminous flux: +/-15%. absolute maximum ratings at ta=25c electrical / optical characteristics at ta=25c notes: 1.wavelength: +/-1nm. 2. forward voltage: +/-0.1v. note: 1. 1/10 duty cycle, 0.1ms pulse width. part no. dice lens type v iewing angle [1] min. typ. 2 1/2 APT3216WG1C green (ingan) water clear 120 300 120 iv (mcd) [2] @ 20ma symbol parameter device typ. max. units test conditions peak peak wavelength green 500 nm i f =20ma d [1] dominant wavelength green 505 nm i f =20ma ? 1/2 spectral line half-width green 28 nm i f =20ma c capacitance green 45 pf v f =0v;f=1mhz v f [2] forward voltage green 3.2 3.8 v i f =20ma i r reverse current green 10 ua v r =5v parameter green units power dissipation 95 mw dc forward current 25 ma peak forward current [1] 150 ma reverse voltage 5 v operating temperature -40c to +85c storage temperature -40c to +85c
spec no: dsal5942 rev no: v.1 date: feb/09/2011 page: 3 of 5 approved: wynec checked: allen liu drawn: y.f.lv e rp: 1203011533 green APT3216WG1C
spec no: dsal5942 rev no: v.1 date: feb/09/2011 page: 4 of 5 approved: wynec checked: allen liu drawn: y.f.lv e rp: 1203011533 APT3216WG1C reflow soldering is recommended and the soldering profile is shown below. other soldering methods are not recommended as they might cause damage to the product. recommended soldering pattern (units : mm; tolerance: 0.1) reel dimension tape dimensions (units : mm)
spec no: dsal5942 rev no: v.1 date: feb/09/2011 page: 5 of 5 approved: wynec checked: allen liu drawn: y.f.lv e rp: 1203011533 packing & label specifications APT3216WG1C
|